Part Number Hot Search : 
96SA20TA CER3010 ST6020A 357NT ADP3300 SDL400 LLSD101C NDS8858H
Product Description
Full Text Search
 

To Download SCA200AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sanrex ? thyristor/thyristor thyristor/diode i t(av) = 200a, v rrm = 800 - 1800v sanrex thyristor/thyristor ( sca series ), thyristor/diode ( sce series ) are designed for general purpose high voltage applications. the modules are an isolated industrial standard package. features * glass-passivated junctions feature * high surge current (i tsm =6500a) * low on-state voltage drop (v tm =1.4v) * ul e76102 approved * rohs compliance typical applications * welders * uninterruptible power supplies (ups) * temperature and lighting controls * soft starters * battery chargers < maximum ratings > tj = 25 c (unless otherwise noted) per diode ratings symbol item SCA200AA80 sce200aa80 SCA200AA120 sce200aa120 SCA200AA160 sce200aa160 SCA200AA180 sce200aa180 unit v rrm repetitive peak reverse voltage 800 1200 1600 1800 v v rsm non-repetitive peak reverse voltage 960 1300 1700 1900 v v drm repetitive peak off-state voltage 800 1200 1600 1800 v i t(av) average on-state current t c = 82c 200 a i t(rms) r.m.s. on-state current t c = 82c 314 a i tsm surge on-state current 1/2 cycle, 50hz/60hz, peak value, non-repetitive 6000/6500 a i 2 t i 2 t (for fusing) value for one cycle surge current 180000 a 2 s p gm peak gate power dissipation 10 w p g(av) average gate power dissipation 3 w i fgm peak gate current 3 a v fg m peak gate voltage (forward) 10 v v rg m peak gate voltage (reverse) 5 v di/dt critical rate of rise of on-state current i g =100ma, v d =1/2v drm, dig/dt=0.1a/ f s 200 a/ f s v iso isolation breakdown volt age a.c. 1 minute 3000 tj operating junction temperature -40 to +125 c t s t g storage temperature -40 to +125 c mounting m6 recommended value 2.5 to 3.9 4.7 mounting torque terminals m6 recommended value 2.5 to 3.9 4.7 n*m mass typical value 210 g sanrex 50 seaview blvd. port washington, ny 11050-4618 ph.(516)625-1313 fax(516)625-8845 web: www.sanrex .com SCA200AA , sce200 a a internal schematic diagram < sce series > < sca series > pdf trial
sanrex ? thyristor/thyristor, thyristor/diode module SCA200AA, sce200aa series < electrical characteristics > tj= 25 c (unless otherwise noted) per diode symbol item conditions ratings unit i drm repetitive peak off-state current t j = 125c, v d = v drm 100 ma i rrm repetitive peak reverse current t j = 125c, v r = v rrm 100 ma v tm peak on-state voltage i t = 600a 1.4 v t j = 25c 1.0 v vt(t0) threshold voltage t j = 125c 0.85 v t j = 25c 0.8 rt slope resistance t j = 125c 1.1 m ohm i gt gate trigger current vd=6v, it=1a 100 ma v gt gate trigger voltage vd=6v, it=1a 3 v v g d non-trigger gate voltage tj = 125 c, v d =1/2v drm 0.25 v dv/dt critical rate of rise of off-state voltage tj = 125 c, v d =2/3v drm 1000 v/ f s rth(j-c) thermal resistance junction to case 0.155 c/w sanrex 50 seaview blvd. port washington, ny 11050-4618 ph.(516)625-1313 fax(516)625-8845 web : www.sanrex.com oct. 2008 ? 2nd * dimensions in millimeters (1mm=0.0394?) < sca series : thyristor/thyristor > < sce series : thyristor/diode > pdf trial


▲Up To Search▲   

 
Price & Availability of SCA200AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X